PART |
Description |
Maker |
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
RT9907PQV |
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down 3通道DC / DC转换器集成电路的高效率升压和降压
|
Richtek Technology, Corp.
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
EL7515 EL7515IY EL7515IY-T13 EL7515IY-T7 |
PWM, Step Up with High Frequency, VIN >1.8V, VOUT =4.5V-18V SMPS Controller High Frequency PWM Step-Up Regulator
|
Intersil Corporation
|
MD1322F |
high-efficiency step down DC-DC converter power integrated circuit
|
Shindengen Electric
|
ADP5300-EVALZ ADP5300ACPZ-1-R7 ADP5300ACPZ-2-R7 |
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
|
Analog Devices
|
3433EFE LT3433IFE LT3433 LT3433EFE 3433IFE |
High Voltage Step-Up/Step-Down DC/DC Converter
|
Linear Technology Corporation LINER[Linear Technology]
|
BD8311NUV-E2 BD8311NUV |
High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
|
Rohm
|
MD1332F |
High-Efficiency Step Down DC-DC Converter Power Integrated Circuit 高效率下降的DC升压DC转换器电源集成电
|
Shindengen Electric Mfg... SHINDENGEN[Shindengen Electric Mfg.Co.Ltd] Shindengen Electric Manufacturing Co., Ltd.
|